Part Number Hot Search : 
L3223 TFI02 IP101 X68C64SI B360A 1225B AGS2520 LM618
Product Description
Full Text Search
 

To Download PSA05-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11GWA
GREEN
Features
0.5 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MECHANICALLY RUGGED. STANDARD: GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
www..com
SPEC NO: DSAD2385 APPROVED: J. Lu www..com
REV NO: V.5 CHECKED: Joe Lee
DATE: APR/23/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 3 ERP:1311000004
Selection Guide
Iv (ucd) @ 10mA Min. PSA05-11GWA GREEN (GaP) WHITE DIFFUSED 1200 Typ. 4700 Common Anode, Rt. Hand Decimal.
Part No.
Dice
Lens Type
Description
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 5mm below package base.
Green 105 25 140 5 -40C To +85C 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAD2385 APPROVED: J. Lu
REV NO: V.5 CHECKED: Joe Lee
DATE: APR/23/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 3 ERP:1311000004
Green
PSA05-11GWA
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAD2385 APPROVED: J. Lu
REV NO: V.5 CHECKED: Joe Lee
DATE: APR/23/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 3 ERP:1311000004


▲Up To Search▲   

 
Price & Availability of PSA05-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X